PART |
Description |
Maker |
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT71256L |
CMOS Static RAM 256K (32K x 8-Bit)
|
List of Unclassifed Manufacturers
|
UPD43257B |
256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
|
NEC
|
W24258S-70LE W24258S-70LI W24258-70LE W24258-70LI |
32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 From old datasheet system 32K ′ 8 CMOS STATIC RAM
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
IS61LV3216L-12K IS61LV3216L-12T IS61LV3216L-12KI I |
32K x 17 Low Voltage High-Speed CMOS Static RAM(3.3V,32K x 16 低压高速CMOS静态RAM) 32K x 16 LOW VOLTAGE CMOS STATIC RAM 32K X 16 STANDARD SRAM, 20 ns, PDSO44
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc.
|
62C256 IS62C256-7 IS62C256-4 IS62C256-70T IS62C256 |
32K x 8 Low Power CMOS Static RAM(32K x 8 浣????MOS???RAM) 32K x 8 LOW POWER CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ETC[ETC] Integrated Silicon Solution Inc
|
P51256SL 51256SL |
256K(32K x 8) CMOS SLOW STATIC RAM 256K CMOS Slow Static RAM
|
Intel
|
IDT7MP4145 IDT7MB4145S15Z IDT7MB4145S15M IDT7MB414 |
256K x 32 CMOS STATIC RAM MODULE 256K × 32的CMOS静态RAM模块 IC LOGIC 244TQ OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS -40 85C QSOP-20 55/TUBE 256 x 32 CMOS static RAM module
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Techn...
|
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
V62C2164096 V62C2164096LL-70T |
256K X 16 STANDARD SRAM, 70 ns, PDSO44 256K x 16 0.17 um CMOS STATIC RAM 256K x 16, 0.17 um CMOS STATIC RAM
|
MOSEL-VITELIC MOSEL[Mosel Vitelic Corp] MOSEL[Mosel Vitelic, Corp]
|